PART |
Description |
Maker |
MMSZ3V0 MMSZ3V3 MMSZ20V MMSZ43V MMSZ12V MMSZ10V MM |
500mW SOD-123 SURFACE MOUNT
|
Yea Shin Technology Co., Ltd Yea Shin Technology Co....
|
MMSZ13VBW |
500mW SOD-123 SURFACE MOUNT
|
Guangzhou Juxing Electr...
|
MMSZ75VCW MMSZ7V5CW MMSZ5V1CW MMSZ3V6CW MMSZ68VCW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|
MMSZ6V2BW MMSZ4V7BW MMSZ24VBW MMSZ75VBW MMSZ36VBW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|
MMSZ4XXXT1 MMSZ4XXXT1G MMSZ4XXXT3 MMSZ4XXXT3G MMSZ |
Low Current Zener Diode 5.6 V SOD-123; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 Zener Voltage Regulators 500 mW SOD123 Surface Mount(500mW锛?OD123锛?〃?㈠?瑁??绾崇ǔ???) Zener Voltage Regulators 500 mW SOD−123 Surface Mount Zener Voltage Regulators 500 mW SOD−123 Surface Mount 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// ONSEMI[ON Semiconductor] Leshan Radio Company, Ltd.
|
MMSZ5221BT1-D |
Zener Voltage Regulators 500 mW SOD-123 Surface Mount
|
ON Semiconductor
|
BZT52C10-13 |
DIODE ZENER 10V 500MW SOD-123 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Diodes, Inc.
|
BAT54W |
400mW SOD-123 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MMSZ4XXXET1 MMSZ4XXXET1G MMSZ4XXXET3 MMSZ4XXXET3G |
Zener Voltage Regulators(榻?撼绋冲?绠? Zener Voltage Regulators 500 mW SOD−123 Surface Mount 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators(齐纳稳压 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators(齐纳稳压 2.2 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount
|
ONSEMI[ON Semiconductor]
|
1SMF16BT1 1SMF16BT3 1SMF16BT3G 1SMF16BT1/D |
1SMF16BT3 Zener Transient Voltage Suppressor,SOD-123 Flat Lead Package(齐纳抗雷TVS),SOD-123,表面安装) Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
|
ON Semiconductor
|
MMSZ4702 |
15V, 0.5W Zener Diode; Package: SOD-123; No of Pins: 2; Container: Tape & Reel Half watt, General purpose, Medium Current Surface Mount Zener
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|